Part Number Hot Search : 
15004 SM3P2 NTXV2N6 EC260 TPCA8025 PE4245 SR230 2N4921G
Product Description
Full Text Search
 

To Download MR2535L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIOTEC ELECTRONICS CORP
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Looking For: MR2520L, MR2525, MR2535L Replacements?
25 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
FEATURES MECHANICAL SPECIFICATION
SUGGESTED REPLACEMENT FOR MR2520L, MR2525L, MR2535L VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area) LARGE DIE FOR HIGH POWER HEAVY DUTY PERFORMANCE HIGH HEAT HANDLING CAPABILITY WITH VERY LOW THERMAL STRESS PROPRIETARY JUNCTION PASSIVATION FOR SUPERIOR RELIABILITY AND PERFORMANCE LOW FORWARD VOLTAGE DROP
MECHANICAL DATA
Case: Molded Epoxy (UL Flammability Rating 94V-O) Finish: All external surfaces are silver plated for corrosion resistance superior solderability Max. Lead Soldering Temperature: 210 C 3/8" from case for 10 sec at 5 lbs tension Mounting Position: Any Polarity: Diode symbol or cathode band on case Weight: 0.09 Ounces (2.5 Grams), appox.
o
D
A
Die Size: 0.180" x 0.180" Square
E
MILLIMETERS DIM MIN MAX INCHES MIN 0.332 0.234 0.050 0.215 0.165 0.990 5 NOM MAX 0.342 0.246 0.053 0.225 0.175 1.010
L M F B
A B D E F L M
5 NOM
L
RoH
S
PLI OM C
ANT
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz resistive or inductive load.
PARAMETER (TEST CONDITIONS)
Series Number Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Breakdown Voltage (IR = 100 mA DC, Tc = 25 C) Average Forward Rectified Current Non-repetitive Peak Forward Surge Current (Half wave, single phase, 60 Hz sine applied to rated load) Repetitive Peak Reverse Surge Current (Time Constant = 10 mSec o Duty Cycle < 1.0%, Tc = 25 C) Maximum Instantaneous Forward Voltage o (IF = 100A @ 300 mSec pulse, Duty Cycle < 2%, TC = 25 C) Typical Maximum DC Reverse Current (VR = 20V DC, Tc = 25 C) Thermal Resistance, Junction to Lead (Note 1) Thermal Resistance, Junction to Case (Note 1) Junction Operating & Storage Temperature Range Notes: 1) Both Leads to Heat Sink, Equal Length
O o
SYMBOL
RATINGS
DR2535L
UNITS
VRRM VRWM VDC V(BR) IO IFSM IRSM 24 Min / 32 Max 25 600 110 1.05 1.00 IR RGJL RGJC TJ,TSTG 200 Note 2 0.8 -65 to +175 VOLTS nA C/W C AMPS 23 VOLTS
Data Sheet No. DR2535L-1A
2) C/W Max: 7.5 (Lead Length=1/4"); 10 (Lead Length=3/8"); 13 (Lead Length=1/2")


▲Up To Search▲   

 
Price & Availability of MR2535L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X